Part Number Hot Search : 
TDA8954 1BIM5 0746951 80001 12N10 42375 MSM7582B AX200
Product Description
Full Text Search
 

To Download DL4764A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Formosa MS
DATA SHEET
DL4728A~DL4764A
SURFACE MOUNT ZENER DIODES
VOLTAGE
FEATURES
* Low profile package * Built-in strain relief * Low inductance
3.3 to 100 Volts
POWER
1.0 Watts
MELF/DL-41
Unit : inch (mm)
* Case: Molded Glass MELF / DL-41 * Terminals: Solderable per MIL-STD-202E, Method 208 * Polarity: See Diagram Below * Approx. Weight: 0.008 grams * Mounting Position: Any * Packing information T/R - 5K per 13" paper Reel
.020(0.5) .012(0.3) .216(5.5) .201(5.1)
.020(0.5) .012(0.3)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Parameter Power Dissipation at Tamb = 25 Junction Temperature Storage Temperature Range
O
Symbol
Value 1* 200 -65 to + 200
C
PTOT TJ TSTG
.110(2.8)
MECHANICAL DATA
Units W
O
O
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Parameter Thermal Resi stance Juncti on to Ambi ent Ai r Forward Voltage at IF = 200mA
Symbol
Min. ---
Typ.
Max. 170* 1.2
RthA VF
---
.102(2.6)DIA.
C C
Uni ts K/W V
*Vali d provi ded that leads at a di stance of 10mm from case are kept at ambi ent temperature.
PAGE . 1
Formosa MS
M a x i m u m Ze n e r Vo l t a g e Part Number
N o m. V V Z @ IZT Min . V Ma x . V
M a x i m u m Ze n e r I m p e d a n c e
ZZT @ IZT mA ZZK @ IZK mA
M a x i m u m L eakag e Current
IR @ VR uA V
1.0 w att Zener Diodes (Glass Sealed Envelope)
D L4728A D L4729A D L4730A D L4731A D L4732A D L4733A D L4734A D L4735A D L4736A D L4737A D L4738A D L4739A D L4740A D L4741A D L4742A D L4743A D L4744A D L4745A D L4746A D L4747A D L4748A D L4749A D L4750A D L4751A D L4752A D L4753A D L4754A D L4755A D L4756A D L4757A D L4758A D L4759A D L4760A D L4761A D L4762A D L4763A D L4764A 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15.0 16.0 18.0 20.0 22.0 24.0 27.0 30.0 33.0 36.0 39.0 43.0 47.0 51.0 56.0 62.0 68.0 75.0 82.0 91.0 100.0 3.1 3.4 3.7 4.1 4.5 4.8 5.3 5.9 6.5 7.1 7.8 8.6 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 3.5 3.8 4.1 4.5 4.9 5.4 5.9 6.5 7.1 7.9 8.6 9.6 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 23.1 25.2 28.4 31.5 34.7 37.8 41.0 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.6 105.0 10.0 10.0 9.0 9.0 8.0 7.0 5.0 2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10.0 14.0 16.0 20.0 22.0 23.0 25.0 35.0 40.0 45.0 50.0 60.0 70.0 80.0 95.0 110.0 125.0 150.0 175.0 200.0 250.0 350.0 76.0 69.0 64.0 58.0 53.0 49.0 45.0 41.0 37.0 34.0 31.0 28.0 25.0 23.0 21.0 19.0 17.0 15.5 14.0 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 0.50 0.50 0.50 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0
PAGE . 2
Formosa MS
RATING AND CHARACTERISTIC CURVES
POWER DISSIPATION, Watts
1.0 0.8 0.6 0.4 0.2
0
50
100
150
200
O
250
AMBIENT TEMPERATURE, C
FIG. 1 POWER DERATING CURVE
Vz (V)
Iz (mA)
100 80 60 40 20 0
5
10
15
20
25
30
4742
4744
4748
4747
4741
4749
4750
4735
4733 4732
4739
4731
4728
Fig.2 BREAKDOWN CHARACTERISTICS
PAGE . 3


▲Up To Search▲   

 
Price & Availability of DL4764A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X